Part Number Hot Search : 
CERA44U LD1026 TDA3803A A7812 AD5252 1N5471A RB551 30007
Product Description
Full Text Search
 

To Download KTLP160GTRU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cosmo electronics corp. document no. 6 9p43001 .2 - 1 - http://www.cosmo - ic.com cosmo k tlp160g series 4 pin mini - flat random - phas e triac driver photocoupler ? description the ktlp160g series consist of a gaas infrared emitting diode optically coupled to a non - zero - crossing silicon bilateral ac switch ( triac ). these devices isolate low voltage logic from 115 vac lines to provide random phase control of high curre nt triac s or thyristors. these devices feature greatly enhanced static dv/dt capability to ensure stable switching performance of inductive loads. ? schematic 1 2 4 3 1. anode 2 . cathode 3 . main terminal 4 . main terminal ? features 1. pb fr ee and rohs compliant 2. 400v peak blocking voltage 3. subminiature type (the volume is smaller than that of our conventional dip type by as far as 30%) 4. simplifies logic control of 115 vac power 5. non zero voltage crossing 6. isolation voltage between input and outp ut (viso 3750vms) 7. msl class 1 8. agency approvals ? ul approved (no. e169586): ul1577 ? c - ul approved (no. e169586) ? vde approved (no. 40009235 ): din en60747 - 5 - 5 ? cqc approved: gb8898 - 2011, gb4943.1 - 2011 ? application s ? solenoid/valve c ontrols ? lighting c on trols ? static power s witches ? ac motor d rives ? temperature c ontrols ? e.m c ontactors ? ac motor c ontactors ? solid s tate r elay ? programmable controllers
cosmo electronics corp. document no. 6 9p43001 .2 - 2 - http://www.cosmo - ic.com cosmo k tlp160g series 4 pin mini - flat random - phas e triac driver photocoupler ? outside dimension unit mm tolerance : 0.2mm ? device marking cosmo 160g yww notes cosmo 16 0 g yww y year code / w week code 2.54 4.40 0.40 0.50 7.00 0.5 0.4 0.10 0.10 3.90 0.5 2.0 0.5
cosmo electronics corp. document no. 6 9p43001 .2 - 3 - http://www.cosmo - ic.com cosmo k tlp160g series 4 pin mini - flat random - phas e triac driver photocoupler ? absolute maximum ratings (ta=25 ) parameter symbol rating unit input forward c urrent i f 50 ma peak forward current i fm 1 a reverse voltage v r 6 v power dissipation p d 70 mw output off - state output t erminal voltage v drm 4 0 0 v peak on - state r.m.s. c urrent i t(rms) 7 0 ma peak r epetitive surge c urrent (pw=10ms.dc 10%) i tsm 1 a power dissipation p d 15 0 mw total power dissipation p tot 20 0 mw isolation voltage 1 minute v iso 375 0 vrms operating temperature t opr - 40 to + 115 storage temperature t stg - 50 to +125 soldering temperature 10 second s t sol 260 ? electro - optical characteristics (ta=25 ) parameter symbol conditions m in . t yp . m ax . unit input forward voltage v f i f =10ma - 1.2 1.4 v reverse current i r v r =4v - - 10 a output peak b locking c urrent i drm v drm r a ted - - 1 a o n - s tate v oltage v tm i tm = 7 0ma - 1 . 6 3 v tran s fer charac - teristics holding c urrent i h - 0.1 - ma critical rate of rise of off - state voltag e d v /dt v drm =(1/ 2 )*rated 10 00 - - v/ s isolation resistance r iso dc500v 5x10 10 10 11 - minimum trigger current i ft main t erminal v oltage=3v - - 10 ma turn - on time t on v d = 6v , r l =100 , i f =20ma - - 100 s ? static dv/dt test circ uit r=10k x100 scope probe d.u.t ctest vdc rtest mercury wetted relay pulse input applied voltage waveform 0 volts vmax dv/dt = 0.63 vmax rc rc 0.63 vmax
cosmo electronics corp. document no. 6 9p43001 .2 - 4 - http://www.cosmo - ic.com cosmo k tlp160g series 4 pin mini - flat random - phas e triac driver photocoupler fig.1 forward c urrent fig.2 diode power dissipation vs. ambient t emperature vs . ambient t emperature forward current i f ( ma ) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 1 0 2 0 3 0 4 0 5 0 6 0 diode power dissipation p d (mw) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 1 5 2 0 4 0 6 0 8 0 1 0 0 1 2 0 7 0 ambient tempera ture ta ( ) ambient temperature ta ( ) fig.3 on - s tate r.m.s. c urrent fig.4 total power dissipation vs. ambient t emperature vs. ambient temperature on - state current i tm ( ma ) 0 -40 -20 0 20 40 60 80 100 115 20 40 60 80 100 120 70 total power dissipation p d (mw) 0 -4 0 -2 0 0 2 0 4 0 6 0 8 0 1 00 1 15 5 0 1 0 0 1 5 0 2 0 0 2 5 0 3 0 0 ambient temperature ta ( ) ambient temperature ta ( ) fig.5 peak forward current fig.6 forward current vs. duty ratio vs. forward voltage peak forward current i ft ( ma ) 10 1 0 100 1000 10000 1 -3 10 -2 10 -1 p ulse w idth <= 100us t a=25c forward current i f ( ma ) 1 1 0 1 0 0 1 0 0 0 0 .5 1 .0 1 .5 2 .0 2 .5 3 .0 0 5 2 5 0 2 0 5 0 0 2 0 0 t a = 7 5 c 5 0 c 2 5 c 0 c -2 5 c duty ratio forward voltage (v)
cosmo electronics corp. document no. 6 9p43001 .2 - 5 - http://www.cosmo - ic.com cosmo k tlp160g series 4 pin mini - flat random - phas e triac driver photocoupler fig.7 on - s tate c haracteristics fig.8 leakage with led off vs. ambient temperature on - state current i tm ( ma ) -3 -400 -2 -1 0 1 2 3 -300 -200 -100 0 +100 +200 +300 +400 output pulse width 80us i =30ma, f=60hz, ta=25c f peak blocking current ( na ) 1 -40 -20 0 20 40 60 80 100 115 10 100 1000 on - state voltage (v) ambient temperature ta ( ) fig. 9 trigger current v s . ambient temperature i ft , normalized -40 -20 0 20 40 60 80 100 115 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 norm alized to ta=25c ambient temperature ta ( )
cosmo electronics corp. document no. 6 9p43001 .2 - 6 - http://www.cosmo - ic.com cosmo k tlp160g series 4 pin mini - flat random - phas e triac driver photocoupler ? recommended soldering conditions (a) infrared reflow soldering ? peak reflow soldering ? time of peak reflow temp erature ? time of temperature higher than 230 ? time to preheat t emperature from 180~190 ? time(s) of reflow ? flux 2 60 or below (package surface temperature) 10 sec 30 - 60 sec 60 - 120 sec two rosin flux containing small amount of chlorine (the f lux with a maximum chlorine content of 0.2 wt% is recommended.) recommended temperature profile of infrared reflow 1 8 0 1 9 0 2 3 0 2 6 0 6 0 -1 2 0 s e c 3 0 -6 0 s e c t (s ) temperature 1 0 s e c m a x . (b) wave soldering ? temperature ? time ? preheating conditions ? t ime ( s ) of reflow ? flux 260 or below (molten solder t emperature) 10 seconds or less 120 or below (package surface temperature) one rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (c) cautions ? fluxes avoid removing the residual flux with f reon - based and chlorine - based cleaning solvent . ? avoid shorting between portion of frame and leads.
cosmo electronics corp. document no. 6 9p43001 .2 - 7 - http://www.cosmo - ic.com cosmo k tlp160g series 4 pin mini - flat random - phas e triac driver photocoupler ? number ing system k tlp16 0 g ( x ) note s k tlp16 0 g = part no. x = tape and r eel option ( tld tru ) option description packing quantity tld surface mount type package + tld tape & reel option 3000 units per reel tru surface mount type package + tru tape & reel option 3000 units per reel ? recommended pad layout for surface mount lead f orm 1.50 2.54 7.85 0.80 unit mm
cosmo electronics corp. document no. 6 9p43001 .2 - 8 - http://www.cosmo - ic.com cosmo k tlp160g series 4 pin mini - flat random - phas e triac driver photocoupler ? 4 - pin mini - f lat t ld/tru carrier t ape & reel 1.75 7.5 4.10 2.00 4.00 7.50 0.31 2.55 tld tru direction of feed from reel direction of feed from reel unit mm tolerance 0.2mm 1.50.5 2.00 16.4 8.00 16.0
cosmo electronics corp. document no. 6 9p43001 .2 - 9 - http://www.cosmo - ic.com cosmo k tlp160g series 4 pin mini - flat random - phas e triac driver photocoupler ? application notice the content of datasheet is the guidance for product use only. cosmo takes no responsibility to the accuracy of the information provided here. for continuously improving all o f products, including quality, reliability, function...etc., cosmo reserves the right to change the specification, characteristics, data, materials, and structure of products without notice. please contact with cosmo to obtain the latest specification. i t would be required to comply with the absolute maximum ratings listed in the specification. cosmo has no liability and responsibility to the damage caused by improper use of the products. cosmo products are intended to be designed for use in general ele ctronics application list below: a. personal c omputer b. oa machine c. audio / video d. instrumentation e. electrical a pplication f. measurement equipment g. consumer electronics h. telecommunication cosmo devices shall not be used or related with equipm ent requiring higher level of quality / reliability, or malfunction, or failure which may cause loss of human life, bodily injury, includes, without limitation: a. medical and other life supporting equipments b. space application c. telecommunication equip ment (trunk lines) d. nuclear power control e. equipment used for automotive vehicles, trains, ships...etc. this publication is the property of cosmo. no part of this publication may be reproduced or copied in any form or any means electronically or mech anically for any purpose, in whole or in part without any written permission expressed fr o m cosmo.


▲Up To Search▲   

 
Price & Availability of KTLP160GTRU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X